Part Number Hot Search : 
DTA144 SJ432BS 1GVCDK 25080VI M1BS24H MX13150 015001 HAT2068R
Product Description
Full Text Search
 

To Download AS2111F016883C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Austin Semiconductor, Inc. Dual Voltage Comparator
AVAILABLE AS MILITARY SPECIFICATIONS
* M38510/10305B * MIL-STD-883, 1.2.1
oltag Dual Volta g e Comparator
AS2111
PIN ASSIGNMENT
(Top View)
FEATURES
* Wide operating supply range: 15V to a single +5V * Low input current: 6 nA * High sensitivity: 10V * Wide differential input range: 30V * High output drive: 50mA, 50V
16 Pin Ceramic DIP (C016) 16 Pin Flatpack (F016)
V+ -A GND/EMITTER A NON INVERTING INPUT A INVERTING INPUT A
1 2 3 4 5 6 7 8
16 15 14 13 12 11 10 9
NC COLLECTOR OUTPUT A BALANCE/STROBE A BALANCE -A INVERTING INPUT B NON INVERTING INPUT B GND/EMITTER B V+ -B
OPTIONS
* Packages 16 pin Ceramic DIP 16 pin Flatpack * Temperature Ranges Extended (-55oC to +125oC) MIL-STD-883 paragraph 1.2.1 (-55oC to +125oC)
MARKINGS
C016 F016
VBALANCE B BALANCE/STROBE -B COLLECTOR OUTPUT B
XT /883
GENERAL DESCRIPTION The AS2111 dual voltage comparator is two AS111 type comparators in a single hermetic package. CONNECTION DIAGRAM Featuring all the same performance characteristics of the single, these duals offer in addition closer thermal tracking, lower weight, reduced insertion cost and smaller size than two singles. For additional information, see the AS111 data sheet. The AS2111 is specified for operation over the -55C to +125C military temperature range.
For more products and information please visit our web site at www.austinsemiconductor.com
AS2111 Rev. 1.6 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
Austin Semiconductor, Inc.
ABSOLUTE MAXIMUM RATINGS*
Total Supply Voltage (V+ -- V-) .....................................................36V Output to Negative Supply Voltage (VOUT --V-)..........................50V Ground to Negative Supply Voltage (GND -- V-)........................30V Differential Input Voltage.............................................................30V Input Voltage1................................................................................15V Power Dissipation2...................................................................500mW Output Short Circuit Duration....................................................10sec Operating Temperature Range.................................-55C to +125C Storage Temperature Range........................................-65C to 150C Lead Temperature (Soldering, 10sec).......................................300C
oltag Dual Volta g e Comparator
AS2111
*Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
ELECTRICAL CHARACTERISTICS: Each Side3
PARAMETER Input Offset Voltage Input Offset Current Input Bias Current Voltage Gain Response Time
5 4 4
CONDITIONS TA = 25C, RS < 50k TA = 25C TA = 25C TA = 25C TA = 25C VIN < -5mV, IOUT = 50mA, TA = 25C TA = 25C VIN > 5mV, IOUT = 35V, TA = 25C RS < 50k
TYP
MAX 3.0 10 100
UNITS mV nA nA V/mV ns
200 200 1.5 3.0 10 4.0 20 150 14
Saturation Voltage Strobe On Current Output Leakage Current Input Offset Voltage
4
V mA nA mV nA nA V V mA mA
Input Offset Current Input Bias Current Input Voltage Range Saturation Voltage
4
V+ > 4.5V, V- = 0, VIN < -5mV, ISINK < 8mA TA = 25C TA = 25C
0.4 6.0 5.0
Positive Supply Current Negative Supply Current
NOTES:
1. This rating applies for 15V supplies. The positive input voltage limit is 30V above the negative supply. The negative input voltage limit is equal to the negative supply voltage or 30V below the positive supply, whichever is less. 2. The maximum junction temperature is 150C. For operating at elevated temperatures, devices in the flat package, the derating is based on a thermal resistance of 185C/W when mounted on a 1/16-inch-thick epoxy glass board with 0.03-inch-wide, 2 ounce copper conductor. The thermal resistance of the dual-in-line package is 100C/V, junction to ambient. 3. These specifications apply for VS = 15V and -55C < TA < 125C, unless otherwise stated. The offset voltage, offset current and bias current specifications apply for any supply voltage from a single 5V supply up to 15V supplies. 4. The offset voltages and offset currents given are the maximum values required to drive the output within a volt of either supply with a 1mA load. Thus, these parameters define an error band and take into account the worst case effects of voltage gain and input impedance. 5. The response time specified is for a 100mV input step with 5mV overdrive.
AS2111 Rev. 1.6 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
2
Austin Semiconductor, Inc. AUXILIARY CIRCUITS
oltag Dual Volta g e Comparator
AS2111
AS2111 Rev. 1.6 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
Austin Semiconductor, Inc.
oltag Dual Volta g e Comparator
AS2111
MECHANICAL DEFINITIONS*
ASI Case (Package Designator C) M38510/10305B, Case Outline E
SYMBOL A b b2 c D E e eA L Q S1 S2
*All measurements are in inches.
AS2111 Rev. 1.6 6/05
ASI SPECIFICATIONS MIN MAX --0.200 0.014 0.026 0.045 0.065 0.008 0.018 --0.840 0.220 0.310 0.100 BCS 0.300 BSC 0.125 0.200 0.015 0.060 0.005 --0.005 ---
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
Austin Semiconductor, Inc.
oltag Dual Volta g e Comparator
AS2111
MECHANICAL DEFINITIONS*
ASI Case (Package Designator F) M38510/10305B, Case Outline X
SYMBOL A b c D E E1 E2 E3 e L Q S1
*All measurements are in inches.
AS2111 Rev. 1.6 6/05
ASI SPECIFICATIONS MIN MAX 0.045 0.115 0.015 0.022 0.004 0.009 --0.440 0.245 0.285 --0.315 0.130 --0.030 --0.050 BCS 0.250 0.370 0.026 0.045 0.005 --Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
Austin Semiconductor, Inc.
oltag Dual Volta g e Comparator
AS2111
ORDERING INFORMATION
EXAMPLE:
AS2111C/883C
Device Number Package Type Process* AS2111 C016 /XT AS2111 C016 /883C
EXAMPLE:
AS2111F/XT
Device Number Package Type Process* AS2111 F016 /XT AS2111 F016 /883C
*AVAILABLE PROCESSES: XT = Extended Temperature Range /883C = MIL-STD-883 paragraph 1.2.1
-55oC to +125oC -55oC to +125oC
AS2111 Rev. 1.6 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
6
Austin Semiconductor, Inc.
oltag Dual Volta g e Comparator
AS2111
ASI TO DSCC PART NUMBER CROSS REFERENCE
ASI PART NUMBER
AS2111C016/883C AS2111F016/883C
DSCC PART NUMBER
M38510/10305BEA M38510/10305BXA
* ASI part number is for reference only. Orders received referencing the SMD part number will be processed per the SMD.
AS2111 Rev. 1.6 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
7


▲Up To Search▲   

 
Price & Availability of AS2111F016883C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X